Part Number Hot Search : 
X2N4352 AVXXX SAC45 74CBTL MCZ3397 VPI2505 68HC0 258653
Product Description
Full Text Search
 

To Download CAT24FC32ALTE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24FC32A
32K-Bit Fast Mode I2C Serial CMOS EEPROM FEATURES
Fast mode I2C bus compatible* Max clock frequency:
H
GEN FR ALO
EE
LE
A D F R E ETM
Output slope control to eliminate ground
bounce
Zero standby current Commercial temperature range 1,000,000 program/erase cycles 100 years data retention 8-pin PDIP, 8-pin SOIC (150 and 200 mil) and
400 kHz for VCC=1.8V to 3.6V
Hardware write protect for entire array Cascadable for up to eight devices 32-Byte page or byte write modes Self-timed write cycle with autoclear 5 ms max write cycle time Random and sequential read modes Schmitt trigger and spike suppression at SDA
8-pin TSSOP packages
"Green" package options available
and SCL inputs
DESCRIPTION
The CAT24FC32A is a 32K-bit Serial CMOS EEPROM internally organized as 4Kx8 bits. The device is compatible with Fast-mode I2C bus specification and operates down to 1.8V with a bit rate up to 400 kbit/s. Extended addressing capability allows up to 8 devices to share the same bus. Catalyst's advanced CMOS technology substantially reduces device power requirements. The device is optimized for high performance applications, where low power, low voltage and high speed operation are required. CAT24FC32A is available in 8-pin DIP, 8-pin SOIC (JEDEC and EIAJ) and 8-pin TSSOP packages.
PIN CONFIGURATION
DIP Package (P, L)
A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA
BLOCK DIAGRAM
EXTERNAL LOAD DOUT ACK VCC VSS WORD ADDRESS BUFFERS COLUMN DECODERS 256 SDA START/STOP LOGIC SENSE AMPS SHIFT REGISTERS
TSSOP Package (U, Y)
A0 A1 A2 VSS
1 2 3 4 8 7 6 5
VCC WP SCL SDA
SOIC Package (J,W) (K, X)
A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA
WP CONTROL LOGIC
XDEC
128
EEPROM 128 X 256
DATA IN STORAGE
HIGH VOLTAGE/ TIMING CONTROL SCL A0 A1 A2 STATE COUNTERS SLAVE ADDRESS COMPARATORS
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
(c) 2004 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 1048, Rev. F
CAT24FC32A
PIN FUNCTIONS
Pin Name A0, A1, A2 SDA SCL WP VCC VSS Function Device Address Inputs Serial Data/Address Serial Clock Write Protect Power Supply Ground
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on Any Pin with Respect to Ground(1) ........... -2.0V to +VCC + 2.0V VCC with Respect to Ground ............... -2.0V to +7.0V Package Power Dissipation Capability (TA = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100mA RELIABILITY CHARACTERISTICS Symbol NEND TDR
(3) (3)
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
Parameter Endurance Data Retention ESD Susceptibility Latch-up
Min. 1,000,000 100 2000 100
Max.
Units Cycles/Byte Years Volts mA
Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
VZAP(3) ILTH(3)(4)
RECOMMENDED OPERATING CONDITIONS Temperature Range Commercial Minimum 0C Maximum +70C
Supply Voltage Range 1.8V to 3.6V
Device CAT24FC32A
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V.
Doc. No. 1048, Rev. F
2
CAT24FC32A
D.C. OPERATING CHARACTERISTICS Over recommended operating conditions, unless otherwise specified Symbol ILI ILO ICC1 ICC2 ISB(1) VIL(2) VIH(2) VOL1 VOL2 Parameter Input Leakage Current(4) Output Leakage Current(4) Power Supply Current (Operating Write) Power Supply Current (Operating Read) Standby Current Input Low Voltage Input High Voltage Output Low Voltage Output Low Voltage -0.5 0.7VCC 0 0.3VCC VCC + 0.5 0.4 0.2VCC A V V V V 2.5V VCC 3.6V IOL = 3.0 mA 1.8V VCC < 2.5V IOL = 3 mA 400 A Min. -10 -10 Typ. Max. 10 10 3 Units A A mA Test Conditions VIN = GND to VCC VIN = GND to VCC fSCL = 400kHz VCC = 3.6V fSCL = 400kHz VCC = 3.6V VCC = 3.6V VIN = GND or VCC
CAPACITANCE TA = 25C, f = 1.0 MHz, VCC = 3.6V Symbol CI/O(3) CIN
(3)
Test Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL, WP)
Max. 8 6
Units pF pF
Conditions VI/O = 0V VIN = 0V
Note: (1) Standby current, ISB < 900 nA; A0, A1, A2, WP connected to GND; SCL, SDA = GND or VCC. (2) VIL min and VIH max are reference values only and are not tested. (3) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (4) I/O pins, SDA and SCL do not obstruct the bus lines if VCC is switched off.
3
Doc. No. 1048, Rev. F
CAT24FC32A
A.C. CHARACTERISTICS Over recommended operating conditions, unless otherwise specified (Note 1).
VCC=1.8V - 3.6V Symbol fSCL tSP tLOW tHIGH tR(2) tF(2) tHD:STA tSU:STA tHD:DAT tSU:DAT tSU:STO tSU:WP tHD:WP tAA tDH tBUF(2) tOF(2) tWC(3) Parameter Clock Frequency Input Filter Spike Suppression (SDA, SCL) Clock Low Period Clock High Period SDA and SCL Rise Time SDA and SCL Fall Time Start Condition Hold Time Start Condition Setup Time (for a Repeated Start) Data Input Hold Time Data In Setup Time Stop Condition Setup Time WP Setup Time WP Hold Time SCL Low to Data Out Valid Data Out Hold Time Time the Bus must be Free Before a New Transmission Can Start Output Fall Time from VIH min to VIL max Write Cycle Time (Byte or Page) 50 1.3 20 250 5 1.3 0.6 20 20 0.6 0.6 0 100 0.6 0 2.5 900 300 300 Min Typ Max 400 50 Units kHz ns s s ns ns s s ns ns s s s ns ns s ns ms
Power-Up Timing (2)(4)
Symbol tPUR tPUW
Parameter Power-Up to Read Operation Power-Up to Write Operation
Min
Typ
Max 1 1
Units ms ms
Note: (1) Test Conditions according to "AC Test Conditions" Table. (2) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (3) The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address. (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Doc. No. 1048, Rev. F
4
CAT24FC32A
AC TEST CONDITIONS Input pulse voltages Input rise and fall times Input reference voltages Output reference voltages Output load 0.2VCC to 0.8VCC 50 ns 0.3VCC, 0.7VCC 0.5VCC Current source: IOL = 3mA; CL: 400pF for fSCl max = 400kHz / 100pF for fSCL max = 1 MHz
Figure 1. Bus Timing
tF tLOW SCL tSU:STA tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH tLOW tR
SDA IN tAA SDA OUT tDH tBUF
Figure 2. WP Timing
2nd Byte Address 1 SCL A7 A0
tSU:WP
Data 9 1 8
8
SDA
D7
D0
WP
tHD:WP
Figure 3. Write Cycle Timing
SCL
SDA
8TH BIT
BYTE n
ACK tWR STOP CONDITION START CONDITION ADDRESS
5
Doc. No. 1048, Rev. F
CAT24FC32A
PIN DESCRIPTION SCL: Serial Clock The serial clock input clocks all data transferred into or out of the device. The SCL line requires a pull-up resistor if it is driven by an open drain output. SDA: Serial Data/Address The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. A pull-up resistor must be connected from SDA line to Vcc. The value of the pull-up resistor, Rp, can be calculated based on minimum and maximum values from Figure 4 and Figure 5. (see Note). WP: Write Protect This input controls the device write protect feature. WP pin connected to VSS allows write operations to the entire memory. When this pin is connected to Vcc, the entire memory is write protected. When left floating, an internal pull-down resistor on this input will keep the memory unprotected. Read operations are not affected. A0, A1, A2: Device Address Inputs These inputs are used for extended addressing capability. The A0, A1, A2 pins can be hardwired to VCC or VSS, or left unconnected. When hardwired, up to eight CAT24FC32As may be addressed on a single bus system. When the pins are left unconnected, the default values are zero. The levels on these inputs are compared with corresponding bits, A2, A1, A0, from the slave address byte.
Minimum RP as a Function of Supply Voltage (IOL = 3mA @ VOLmax)
Minimum RP Value versus Bus Capacitance (Fast Mode I2C Bus / tr max = 300ns)
8.00
RP max (Kohm)
RP min (Kohm)
7.00 6.00 5.00 4.00 3.00 2.00 1.00 0.00 50 100 150 200 250 300 350 400
1
0.5
0 1.6 2 2.4 2.8 3.2 3.6
VCC (V)
Figure 4
Cbus (pF)
Figure 5
Note: According to the Fast Mode I2C bus specification, for bus capacitance up to 200pF, the pull up device can be a resistor. For bus loads between 200pF and 400pF, the pull-up device can be a current source (Imax=3mA) or a switched resistor circuit.
Doc. No. 1048, Rev. F
6
CAT24FC32A
FUNCTIONAL DESCRIPTION The CAT24FC32A supports the I 2 C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24FC32A operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated. I C Bus Protocol The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition (Figure 6). START Condition The START condition precedes all commands to the device, and is defined as a HIGH to LOW transition of
2
SDA when SCL is HIGH. The CAT24FC32A monitors the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. DEVICE ADDRESSING After the bus Master sends a START condition, a slave address byte is required to enable the CAT24FC32A for a read or write operation (Figure 7). The four most significant bits of the 8-bit slave address are fixed as binary 1010. The CAT24FC32A uses the next three bits as address bits. The address bits A2, A1 and A0 are used to select which device is accessed from maximum eight devices on the same bus. These bits must compare to their hardwired input pins. The last bit of the slave address specifies whether a read or write operation is to be performed. When this bit is set to "1", a read operation is initiated, and when set to "0", a write operation is selected. Following the START condition and the slave address byte, the CAT24FC32A monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24FC32A then performs a read or write operation depending on the state of the R/W bit.
Figure 6. Start/Stop Timing
SDA
SCL START BIT STOP BIT
Figure 7. Slave Address Bits
1
0
1
0
A2
A1
A0
R/W
7
Doc. No. 1048, Rev. F
CAT24FC32A
Acknowledge After a successful data transfer, each receiving device is required to generate an acknowledge. The acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The SDA line remains stable LOW during the HIGH period of the acknowledge related clock pulse (Figure 8). The CAT24FC32A responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8bit byte. The CAT24FC32A does not generate acknowledge if an internal write cycle is in progress. When the CAT24FC32A begins a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24FC32A will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. The master must then issue a stop condition to return the CAT24FC32A to the standby power mode and place the device in a known state.
WRITE OPERATIONS Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends two 8-bit address words that are to be written into the address pointers of the CAT24FC32A. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory location. The CAT24FC32A acknowledges once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to nonvolatile memory. While the cycle is in progress, the device will not respond to any request from the Master device. Page Write The CAT24FC32A writes up to 32 bytes of data, in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to 31 additional bytes. After each byte has
Figure 8. Acknowledge Timing
SCL FROM MASTER 1 8 9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 9. Byte Write Timing
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15--A 8 A7--A 0 X XX X A C K A C K A C K
DATA
S T O P P A C K
X = Don't care bit
Doc. No. 1048, Rev. F
8
CAT24FC32A
WRITE PROTECTION The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is connected to VCC, the entire memory array is protected and becomes read only. The CAT24FC32A will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device's failure to send an acknowledge after the first byte of data is received. The WP input is sampled in the end of acknowledge pulse after second address byte, accordingly with setup and hold times relative to negative clock edge (Figure 2). READ OPERATIONS The READ operation for the CAT24FC32A is initiated in the same manner as the write operation with one exception, that R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ. Immediate/Current Address Read The CAT24FC32A's address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was
been transmitted, CAT24FC32A will respond with an acknowledge, and internally increment the five low order address bits by one. The high order bits remain unchanged. If the Master transmits more than 32 bytes before sending the STOP condition, the address counter `wraps around', and previously transmitted data will be overwritten. When all 32 bytes are received, and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT24FC32A in a single write cycle. Acknowledge Polling Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, CAT24FC32A initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If CAT24FC32A is still busy with the write operation, no ACK will be returned. If CAT24FC32A has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation. Figure 10. Page Write Timing
BUS ACTIVITY: MASTER SDA LINE S T A R T S A C K SLAVE ADDRESS BYTE ADDRESS A15--A 8 A7--A 0 X XX X A C K
DATA
DATA n
DATA n+31
S T O P P
A C K
A C K
A C K
A C K
A C K
X=Don't care bit Figure 11. Immediate Address Read Timing
S T A R T S A C K N O A C K S T O P P
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
DATA
SCL
8
9
SDA
8TH BIT DATA OUT NO ACK STOP
9
Doc. No. 1048, Rev. F
CAT24FC32A
to address N, the READ immediately following would access data from address N+1. If N=E (where E=4095), then the counter will `wrap around' to address 0 and continue to clock out data. After the CAT24FC32A receives its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8 bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After CAT24FC32A acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT24FC32A then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Figure 12. Selective Read Timing
Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24FC32A sends the initial 8-bit byte requested, the Master will respond with an acknowledge which tells the device it requires more data. The CAT24FC32A will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24FC32A is outputted sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24FC32A address bits so that the entire memory array can be read during one operation. After the last memory address is read out, the counter will `wrap around' and continue to clock out data bytes.
BUS ACTIVITY: MASTER SDA LINE
S T A R T S
SLAVE ADDRESS
BYTE ADDRESS A15--A8 A7--A0 XXXX A C K A C K A C K
S T A R T S
SLAVE ADDRESS
DATA
S T O P P
A C K
X = Don't care bit
N O A C K
Figure 13. Sequential Read Timing
S T O P P A C K A C K A C K A C K N O A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
DATA n
DATA n+1
DATA n+2
DATA n+x
Doc. No. 1048, Rev. F
10
CAT24FC32A
ORDERING INFORMATION
Prefix CAT Device # 24FC32A K Suffix TE13 Rev A(2)
Optional Company ID
Product Number
Tape & Reel
Package P: PDIP K: SOIC (EIAJ) J: SOIC (JEDEC) U: TSSOP L: PDIP (Lead free, Halogen free) X: SOIC (EIAJ, Lead free, Halogen free) W: SOIC (JEDEC, Lead free, Halogen free) Y: TSSOP (Lead free, Halogen free)
Die Revision
Notes: (1) The device used in the above example is a CAT24FC32AK-TE13 (SOIC, Commercial Temperature, Tape & Reel) (2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWA). For additional information, please contact your Catalyst sales office.
REVISION HISTORY
Date 12/10/2003 04/18/2004 Revision Comments C D Eliminated Commercial temperature range Delete data sheet designation Add Lead Free Logo Update Features Update Ordering Information Add Revision History Update Rev Number 7/7/2004 11/04/2004 E F Add die revision to Ordering Information Update Features Update Recommended Operating Conditions Update Ordering Information
11
Doc. No. 1048, Rev. F
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catalyst-semiconductor.com
Publication #: Revison: Issue date:
1048 F 11/04/04


▲Up To Search▲   

 
Price & Availability of CAT24FC32ALTE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X